Part Number Hot Search : 
15D120KG KAS0712 MB4107A OH1881 ADC08 ENA0972 P3000 FJ256
Product Description
Full Text Search
 

To Download ZXTP25100CFH-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zxtp25100cfh document number: ds33758 rev. 3 - 2 1 of 7 www.diodes.com august 2012 ? diodes incorporated a product line o f diodes incorporated zxtp25100cfh 100v pnp medium power transistor in sot23 features ? bv ceo > -100v ? maximum continuous collector current i c = -1a ? v ce(sat) < -220mv @ -1a ? r ce(sat) = 150m? ? 7v reverse blocking voltage ? high peak current ? complementary part number zxtn25100cfh ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot23 ? ul flammability rating 94v-0 ? case material: molded plastic. ? moisture sensitivity: level 1 per j-std-020 ? terminals: matte tin finish ; solderable per mil-std-202, method 208 ? weight: 0.008 grams (approximate) applications ? mosfet and igbt gat driving ? dc ? dc converters ? motor drive ? high side driver ordering information (note 4) product marking reel size (inches) tape width (mm) quantity per reel zxtp25100cfhta 1g5 7 8 3,000 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more info rmation about diodes incorpor ated?s definitions of halogen and antimony free,"green" and lead-free. 3. halogen and antimony free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com marking information 1g5 = product type marking code c e b top view sot23 device symbol top view pin-out 1g5
zxtp25100cfh document number: ds33758 rev. 3 - 2 2 of 7 www.diodes.com august 2012 ? diodes incorporated a product line o f diodes incorporated zxtp25100cfh maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit collector-base voltage v cbo -115 v collector-emitter voltage v ceo -100 v emitter-collector voltage (reverse blocking) v eco -7 v emitter-base voltage v ebo -7 v continuous collector current (note 5) i c -1 a base current i b -500 ma peak pulse current i cm -3 a thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value unit collector power dissipation (note 5) p d 0.73 w (note 6) 1.05 (note 7) 1.25 (note 8) 1.81 thermal resistance, junction to ambient (note 5) r ja 171 c/w (note 6) 119 (note 7) 100 (note 8) 69 thermal resistance, junction to leads (note 9) r jl 75.25 c/w operating and storage temperature range t j, t stg -55 to +150 c notes: 5. for the device mounted on 15mm x 15mm x 1.6mm fr4 pcb with high coverage of single sided 1oz copper in still air cond ition; 6. mounted on 25mm x 25mm x 1.6mm fr4 pcb with high coverage of single sided 2oz copper in still air condition 7. mounted on 25mm x 25mm x 1.6mm fr4 pcb with high coverage of single sided 2oz copper in still air condition 8. as note 7 above, measured at t < 5 secs. 9. thermal resistance from junction to solder-point (at the end of the collector lead).
zxtp25100cfh document number: ds33758 rev. 3 - 2 3 of 7 www.diodes.com august 2012 ? diodes incorporated a product line o f diodes incorporated zxtp25100cfh thermal characteristics @t a = 25c unless otherwise specified 100m 1 10 100 10m 100m 1 10 50mmx50mm fr4 pcb 2oz cu single pulse t amb =25c v ce(sat) limited 100s 1ms 10ms 100ms 1s dc safe operating area i c collector current (a) v ce collector-emitter voltage (v) 0 20 40 60 80 100 120 140 160 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 25 mx25mm fr4 pcb 2oz cu 15 mx15mm fr4 pcb 1oz cu derating curve temperature (c) max power dissipation (w) 50 mx50mm fr4 pcb 2oz cu 100 1m 10m 100m 1 10 100 1k 0 20 40 60 80 100 t amb =25c 50 mx50mm fr4 pcb 2oz cu transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance (c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 1 10 100 single pulse t amb =25c 50 mx50mm fr4 pcb 2oz cu pulse power dissipation pulse width (s) maximum power (w)
zxtp25100cfh document number: ds33758 rev. 3 - 2 4 of 7 www.diodes.com august 2012 ? diodes incorporated a product line o f diodes incorporated zxtp25100cfh electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo -115 -180 - v i c = -100a collector-emitter breakdown voltage (note 10) bv ceo -100 -140 - v i c = -10ma emitter-base breakdown voltage bv ebo -7 -8.4 - v i e = -100a emitter-base breakdown voltage bv ecx -7 -8.3 - v i e = -100a, r bc < 1k ? or -0.25 < v bc < 0.25v emitter-base breakdown voltage bv eco -7 -8.8 - v i e = -100a collector-base cutoff current i cbo - < -1 -50 na v cb = -115v - - -0.5 a v cb = -115v, t amb = 100c collector-emitter cutoff current i cex - - -100 na v ce = -90v, r be < 1k ? or -0.25v < v be < 1v emitter-base cutoff current i ebo - < -1 -50 na v eb = -5.6v static forward current transfer ratio (note 10) h fe 200 350 500 - i c = -10ma, v ce = -2v 180 320 - i c = -100ma, v ce = -2v 110 190 - i c = -500ma, v ce = -2v 20 35 - i c = -1a, v ce = -2v collector-emitter saturation voltage (note 10) v ce(sat) - -140 -210 mv i c = - 100ma, i b = -1ma - -80 -110 i c = - 500ma, i b = -50ma - -180 -310 i c = - 500ma, i b = -20ma - -150 -220 i c = - 1a, i b = -100ma base-emitter saturation voltage (note 10) v be ( sat ) - -849 -950 mv i c = -1a, i b = -100ma base-emitter saturation voltage (note 10) v be ( on ) - -790 -900 mv i c = -1a, v ce = -2v output capacitance c obo - 14.1 20 pf v cb = -10v, f = 1mhz transition frequency f t - 180 - mhz v ce = -15v, i c = -20ma, f = 100mhz delay time t ( d ) - 15.8 - ns v cc = -10v, i c = -500ma, i b1 = i b2 = -50ma rise time t ( r ) - 41 - ns storage time t ( s ) - 411 - ns fall time t ( f ) - 89 - ns notes: 10. measured under pulsed conditions. pulse width 300 s. duty cycle 2%
zxtp25100cfh document number: ds33758 rev. 3 - 2 5 of 7 www.diodes.com august 2012 ? diodes incorporated a product line o f diodes incorporated zxtp25100cfh typical electrical characteristics @t a = 25c unless otherwise specified 1m 10m 100m 1 10m 100m 1 10m 100m 1 0.0 0.1 0.2 0.3 0.4 1m 10m 100m 1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1m 10m 100m 1 0.2 0.4 0.6 0.8 1.0 1m 10m 100m 1 0.2 0.4 0.6 0.8 1.0 10m 100m 1 10 100 0 20 40 60 80 100 120 140 160 180 200 0 100 200 300 400 500 600 i c /i b =100 v ce(sat) v i c tamb=25c i c /i b =50 i c /i b =25 i c /i b =10 - v ce(sat) (v) - i c collector current (a) 100c v be(sat) v i c i c /i b =10 150c 25c -55c - v ce(sat) (v) - i c collector current (a) 150c h fe v i c v ce =2v -55c 25c 100c normalised gain - i c collector current (a) 150c 25c v ce(sat) v i c i c /i b =10 100c -55c - v be(sat) (v) - i c collector current (a) 150c v be(on) v i c v ce =2v 100c 25c -55c - v be(on) (v) - i c collector current (a) capacitance v voltage f = 1mhz cobo cibo capacitance (pf) - voltage(v) typical gain (h fe )
zxtp25100cfh document number: ds33758 rev. 3 - 2 6 of 7 www.diodes.com august 2012 ? diodes incorporated a product line o f diodes incorporated zxtp25100cfh package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sot23 dim min max typ a 0.37 0.51 0.40 b 1.20 1.40 1.30 c 2.30 2.50 2.40 d 0.89 1.03 0.915 f 0.45 0.60 0.535 g 1.78 2.05 1.83 h 2.80 3.00 2.90 j 0.013 0.10 0.05 k 0.903 1.10 1.00 k1 - - 0.400 l 0.45 0.61 0.55 m 0.085 0.18 0.11 0 8 - all dimensions in mm dimensions value (in mm) z 2.9 x 0.8 y 0.9 c 2.0 e 1.35 a m j l d f b c h k g k1 x e y c z
zxtp25100cfh document number: ds33758 rev. 3 - 2 7 of 7 www.diodes.com august 2012 ? diodes incorporated a product line o f diodes incorporated zxtp25100cfh important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of ZXTP25100CFH-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X